Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 497 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 497 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 493Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 494Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 495Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 501Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
497
11.4.5
Transmitter
Figure 11-16. Transmitter Block Diagram
11.4.5.1
Transmitter Character Length
The SCI transmitter can accommodate either 8-bit or 9-bit data characters. The state of the M bit in SCI
control register 1 (SCICR1) determines the length of data characters. When transmitting 9-bit data, bit T8
in SCI data register high (SCIDRH) is the ninth bit (bit 8).
11.4.5.2
Character Transmission
To transmit data, the MCU writes the data bits to the SCI data registers (SCIDRH/SCIDRL), which in turn
are transferred to the transmitter shift register. The transmit shift register then shifts a frame out through
the TXD pin, after it has prefaced them with a start bit and appended them with a stop bit. The SCI data
registers (SCIDRH and SCIDRL) are the write-only buffers between the internal data bus and the transmit
shift register.
PE
PT
H
8
76543210L
11-Bit Transmit Register
T8
TIE
TDRE
TCIE
SBK
TC
Parity
Generation
SCI Data Registers
Transmitter Control
M
Internal Bus
SBR12:SBR0
Baud Divider
÷ 16
Bus
Clock
TE
SCTXD
TXPOL
LOOPS
LOOP
RSRC
CONTROL
To Receiver
Transmit
Collision Detect
TDRE IRQ
TC IRQ
SCTXD
SCRXD
(From Receiver)
TCIE
BERRIF
BER IRQ
BERRM[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com