Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 501 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 501 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 501Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 502Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 503Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 504Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 505Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
501
11.4.5.5
LIN Transmit Collision Detection
This module allows to check for collisions on the LIN bus.
Figure 11-18. Collision Detect Principle
If the bit error circuit is enabled (BERRM[1:0] = 0:1 or = 1:0]), the error detect circuit will compare the
transmitted and the received data stream at a point in time and flag any mismatch. The timing checks run
when transmitter is active (not idle). As soon as a mismatch between the transmitted data and the received
data is detected the following happens:
•
The next bit transmitted will have a high level (TXPOL = 0) or low level (TXPOL = 1)
•
The transmission is aborted and the byte in transmit buffer is discarded.
•
the transmit data register empty and the transmission complete flag will be set
•
The bit error interrupt flag, BERRIF, will be set.
•
No further transmissions will take place until the BERRIF is cleared.
Figure 11-19. Timing Diagram Bit Error Detection
If the bit error detect feature is disabled, the bit error interrupt flag is cleared.
NOTE
The RXPOL and TXPOL bit should be set the same when transmission
collision detect feature is enabled, otherwise the bit error interrupt flag may
be set incorrectly.
TXD Pin
RXD Pin
LIN Physical Interface
Synchronizer Stage
Bus Clock
Receive Shift
Register
Transmit Shift
Register
LIN Bus
Compare
Sample
Bit Error
Point
Output Transmit
Shift Register
0123456789
10
11
12
13
14
15
0
Input Receive
Shift Register
BERRM[1:0] = 0:1
BERRM[1:0] = 1:1
Compare Sample Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com