Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 513 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 513 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 509Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 510Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 511Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 512Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 513Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 515Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 516Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 517Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
513
11.5.3.1
Description of Interrupt Operation
The SCI only originates interrupt requests. The following is a description of how the SCI makes a request
and how the MCU should acknowledge that request. The interrupt vector offset and interrupt number are
chip dependent. The SCI only has a single interrupt line (SCI Interrupt Signal, active high operation) and
all the following interrupts, when generated, are ORed together and issued through that port.
11.5.3.1.1
TDRE Description
The TDRE interrupt is set high by the SCI when the transmit shift register receives a byte from the SCI
data register. A TDRE interrupt indicates that the transmit data register (SCIDRH/L) is empty and that a
new byte can be written to the SCIDRH/L for transmission.Clear TDRE by reading SCI status register 1
with TDRE set and then writing to SCI data register low (SCIDRL).
11.5.3.1.2
TC Description
The TC interrupt is set by the SCI when a transmission has been completed. Transmission is completed
when all bits including the stop bit (if transmitted) have been shifted out and no data is queued to be
transmitted. No stop bit is transmitted when sending a break character and the TC flag is set (providing
there is no more data queued for transmission) when the break character has been shifted out. A TC
interrupt indicates that there is no transmission in progress. TC is set high when the TDRE flag is set and
no data, preamble, or break character is being transmitted. When TC is set, the TXD pin becomes idle
(logic 1). Clear TC by reading SCI status register 1 (SCISR1) with TC set and then writing to SCI data
register low (SCIDRL).TC is cleared automatically when data, preamble, or break is queued and ready to
be sent.
11.5.3.1.3
RDRF Description
The RDRF interrupt is set when the data in the receive shift register transfers to the SCI data register. A
RDRF interrupt indicates that the received data has been transferred to the SCI data register and that the
byte can now be read by the MCU. The RDRF interrupt is cleared by reading the SCI status register one
(SCISR1) and then reading SCI data register low (SCIDRL).
11.5.3.1.4
OR Description
The OR interrupt is set when software fails to read the SCI data register before the receive shift register
receives the next frame. The newly acquired data in the shift register will be lost in this case, but the data
already in the SCI data registers is not affected. The OR interrupt is cleared by reading the SCI status
register one (SCISR1) and then reading SCI data register low (SCIDRL).
11.5.3.1.5
IDLE Description
The IDLE interrupt is set when 10 consecutive logic 1s (if M = 0) or 11 consecutive logic 1s (if M = 1)
appear on the receiver input. Once the IDLE is cleared, a valid frame must again set the RDRF flag before
an idle condition can set the IDLE flag. Clear IDLE by reading SCI status register 1 (SCISR1) with IDLE
set and then reading SCI data register low (SCIDRL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com