Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 514 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 514 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 510Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 511Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 512Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 513Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 515Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 516Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 517Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 518Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
514
Freescale Semiconductor
11.5.3.1.6
RXEDGIF Description
The RXEDGIF interrupt is set when an active edge (falling if RXPOL = 0, rising if RXPOL = 1) on the
RXD pin is detected. Clear RXEDGIF by writing a “1” to the SCIASR1 SCI alternative status register 1.
11.5.3.1.7
BERRIF Description
The BERRIF interrupt is set when a mismatch between the transmitted and the received data in a single
wire application like LIN was detected. Clear BERRIF by writing a “1” to the SCIASR1 SCI alternative
status register 1. This flag is also cleared if the bit error detect feature is disabled.
11.5.3.1.8
BKDIF Description
The BKDIF interrupt is set when a break signal was received. Clear BKDIF by writing a “1” to the
SCIASR1 SCI alternative status register 1. This flag is also cleared if break detect feature is disabled.
11.5.4
Recovery from Wait Mode
The SCI interrupt request can be used to bring the CPU out of wait mode.
11.5.5
Recovery from Stop Mode
An active edge on the receive input can be used to bring the CPU out of stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com