Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 630 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 630 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 626Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 627Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 628Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 629Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 630Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 631Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 632Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 633Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 634Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
630
Freescale Semiconductor
17.3.2.12 RAM Shared Region Upper Boundary Register (RAMSHU)
Read: Anytime
Write: Anytime when RWPE = 0
17.4
Functional Description
The MMC block performs several basic functions of the S12X sub-system operation: MCU operation
modes, priority control, address mapping, select signal generation and access limitations for the system.
Each aspect is described in the following subsections.
17.4.1
MCU Operating Mode
•
Normal single-chip mode
There is no external bus in this mode. The MCU program is executed from the internal memory
and no external accesses are allowed.
•
Special single-chip mode
This mode is generally used for debugging single-chip operation, boot-strapping or security related
operations. The active background debug mode is in control of the CPU code execution and the
BDM firmware is waiting for serial commands sent through the BKGD pin. There is no external
bus in this mode.
•
Emulation single-chip mode
Tool vendors use this mode for emulation systems in which the user’s target application is normal
single-chip mode. Code is executed from external or internal memory depending on the set-up of
the EROMON bit (see Section 1.3.2.5, “MMC Control Register (MMCCTL1)”). The external bus
is active in both cases to allow observation of internal operations (internal visibility).
Address: 0x011F
76543210
R1
SHU6
SHU5
SHU4
SHU3
SHU2
SHU1
SHU0
W
Reset
11111111
= Unimplemented or Reserved
Figure 17-20. RAM Shared Region Upper Boundary Register (RAMSHU)
Table 17-17. RAMSHU Field Descriptions
Field
Description
6–0
SHU[6:0]
RAM Shared Region Upper Boundary Bits 6–0 — These bits define the upper boundary of the shared
memory in multiples of 256 bytes. The block selected by this register is included in the region. See Figure 1-25
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com