Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 627 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 627 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 626Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 627Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 628Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 629Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 630Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 631Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
627
17.3.2.8
Program Page Index Register (PPAGE)
Read: Anytime
Write: Anytime
The program page index register allows accessing up to 4 Mbyte of FLASH or ROM in the global memory
map by using the eight page index bits to page 16 Kbyte blocks into the program page window located in
the CPU local memory map from address $8000 to address $BFFF (see Figure 1-16). The CPU has a
special access to read and write this register during execution of CALL and RTC instructions.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 17-16. PPAGE Address Mapping
NOTE
Writes to this register using the special access of the CALL and RTC
instructions will be complete before the end of the instruction execution.
Address: 0x0030
76543210
R
PIX7
PIX6
PIX5
PIX4
PIX3
PIX2
PIX1
PIX0
W
Reset
11111110
Figure 17-15. Program Page Index Register (PPAGE)
Bit14
Bit0
1
Address [13:0]
PPAGE Register [7:0]
Global Address [22:0]
Bit13
Bit21
Address: CPU Local Address
or BDM Local Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com