Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 624 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 624 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 620Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 626Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 627Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 628Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
624
Freescale Semiconductor
17.3.2.6
RAM Page Index Register (RPAGE)
Read: Anytime
Write: Anytime
The RAM page index register allows accessing up to (1M minus 2K) bytes of RAM in the global memory
map by using the eight page index bits to page 4 Kbyte blocks into the RAM page window located in the
CPU local memory map from address $1000 to address $1FFF (see Figure 1-12).
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Table 17-10. Data Sources when CPU or BDM is Accessing Flash Area
Chip Modes
ROMON
EROMON
DATA SOURCE1
1 Internal means resources inside the MCU are read/written.
Internal Flash means Flash resources inside the MCU are read/written.
Emulation memory means resources inside the emulator are read/written (PRU registers, flash
replacement, RAM, EEPROM and register space are always considered internal).
External application means resources residing outside the MCU are read/written.
Stretch2
2 The external access stretch mechanism is part of the EBI module (refer to EBI Block Guide for details).
Normal Single Chip
X
X
Internal
N
Special Single Chip
Emulation Single Chip
X
0
Emulation Memory
N
X
1
Internal Flash
Normal Expanded
0
X
External Application
Y
1
X
Internal Flash
N
Emulation Expanded
0
X
External Application
Y
1
0
Emulation Memory
N
1
1
Internal Flash
Special Test
0
X
External Application
N
1
X
Internal Flash
Address: 0x0016
76543210
R
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
W
Reset
11111101
Figure 17-11. RAM Page Index Register (RPAGE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com