Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 625 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 625 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 626Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 627Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 628Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 629Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
625
Figure 17-12. RPAGE Address Mapping
NOTE
Because RAM page 0 has the same global address as the register space, it is
possible to write to registers through the RAM space when RPAGE = $00.
The reset value of $FD ensures that there is a linear RAM space available between addresses $1000 and
$3FFF out of reset.
The fixed 4K page from $2000–$2FFF of RAM is equivalent to page 254 (page number $FE).
The fixed 4K page from $3000–$3FFF of RAM is equivalent to page 255 (page number $FF).
Table 17-11. RPAGE Field Descriptions
Field
Description
7–0
RP[7:0]
RAM Page Index Bits 7–0 — These page index bits are used to select which of the 256 RAM array pages is to
be accessed in the RAM Page Window.
Bit18
Bit0
Bit11
0
Address [11:0]
RPAGE Register [7:0]
Global Address [22:0]
Bit12
Bit19
0
Address: CPU Local Address
or BDM Local Address
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com