Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 658 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 658 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 654Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 655Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 656Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 657Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 658Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 659Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 660Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 661Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 662Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
658
Freescale Semiconductor
Table 18-5. MMCCTL0 Field Descriptions
Field
Description
3–0
CS[3:0]E
Chip Select Enables — Each of these bits enables one of the external chip selects CS3, CS2, CS1, and CS0
outputs which are asserted during accesses to specific external addresses. The associated global address
ranges are shown in Table 18-6 and Table 18-21 and Figure 18-21.
Chip selects are only active if enabled in normal expanded mode, Emulation expanded mode and special test
mode. The function disabled in all other operating modes.
0 Chip select is disabled
1 Chip select is enabled
Table 18-6. Chip Select Signals
Global Address Range
Asserted Signal
0x00_0800–0x0F_FFFF
CS3
0x10_0000–0x1F_FFFF
CS2
0x20_0000–0x3F_FFFF
CS1
0x40_0000–0x7F_FFFF
CS01
1 When the internal NVM is enabled (see ROMON in Section 18.3.2.5, “MMC Control
Register (MMCCTL1)) the CS0 is not asserted in the space occupied by this on-chip
memory block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com