Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 661 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 661 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 657Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 658Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 659Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 660Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 661Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 662Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 663Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 664Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
661
18.3.2.3
Global Page Index Register (GPAGE)
Read: Anytime
Write: Anytime
The global page index register is used to construct a 23 bit address in the global map format. It is only used
when the CPU is executing a global instruction (GLDAA, GLDAB, GLDD, GLDS, GLDX,
GLDY,GSTAA, GSTAB, GSTD, GSTS, GSTX, GSTY) (see CPU Block Guide). The generated global
address is the result of concatenation of the CPU local address [15:0] with the GPAGE register [22:16] (see
Figure 18-7).
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 18-7. GPAGE Address Mapping
Example 18-1. This example demonstrates usage of the GPAGE register
LDX
#0x5000
;Set GPAGE offset to the value of 0x5000
MOVB
#0x14, GPAGE
;Initialize GPAGE register with the value of 0x14
GLDAA
X
;Load Accu A from the global address 0x14_5000
Address: 0x0010
76543210
R0
GP6
GP5
GP4
GP3
GP2
GP1
GP0
W
Reset
00000000
= Unimplemented or Reserved
Figure 18-6. Global Page Index Register (GPAGE)
Table 18-8. GPAGE Field Descriptions
Field
Description
6–0
GP[6:0]
Global Page Index Bits 6–0 — These page index bits are used to select which of the 128 64-kilobyte pages is
to be accessed.
Bit16
Bit 0
Bit15
Bit22
CPU Address [15:0]
GPAGE Register [6:0]
Global Address [22:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com