Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 667 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 667 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 663Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 664Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 666Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 667Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 668Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 669Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 670Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
667
18.3.2.8
Program Page Index Register (PPAGE)
Read: Anytime
Write: Anytime
These eight index bits are used to page 16 KByte blocks into the Flash page window located in the local
(CPU or BDM) memory map from address 0x8000 to address 0xBFFF (see Figure 18-16). This supports
accessing up to 4 Mbytes of Flash (in the Global map) within the 64 KByte Local map. The PPAGE age
index register is effectively used to construct paged Flash addresses in the Local map format. The CPU has
special access to read and write this register directly during execution of CALL and RTC instructions. .
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 18-16. PPAGE Address Mapping
NOTE
Writes to this register using the special access of the CALL and RTC
instructions will be complete before the end of the instruction execution.
Address: 0x0030
76543210
R
PIX7
PIX6
PIX5
PIX4
PIX3
PIX2
PIX1
PIX0
W
Reset
11111110
Figure 18-15. Program Page Index Register (PPAGE)
Bit14
Bit0
1
Address [13:0]
PPAGE Register [7:0]
Global Address [22:0]
Bit13
Bit21
Address: CPU Local Address
or BDM Local Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com