Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 669 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 669 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 666Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 667Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 668Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 669Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 670Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 672Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 673Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
669
18.3.2.10 RAM XGATE Upper Boundary Register (RAMXGU)
Read: Anytime
Write: Anytime when RWPE = 0
18.3.2.11 RAM Shared Region Lower Boundary Register (RAMSHL)
Read: Anytime
Write: Anytime when RWPE = 0
Address: 0x011D
76543210
R1
XGU6
XGU5
XGU4
XGU3
XGU2
XGU1
XGU0
W
Reset
11111111
= Unimplemented or Reserved
Figure 18-18. RAM XGATE Upper Boundary Register (RAMXGU)
Table 18-16. RAMXGU Field Descriptions
Field
Description
6–0
XGU[6:0]
XGATE Region Upper Boundary Bits 6-0 — These bits define the upper boundary of the RAM region allocated
to the XGATE module in multiples of 256 bytes. The 256 byte block selected by this register is included in the
region. See Figure 18-25 for details.
Address: 0x011E
76543210
R1
SHL6
SHL5
SHL4
SHL3
SHL2
SHL1
SHL0
W
Reset
11111111
= Unimplemented or Reserved
Figure 18-19. RAM Shared Region Lower Boundary Register (RAMSHL)
Table 18-17. RAMSHL Field Descriptions
Field
Description
6–0
SHL[6:0]
RAM Shared Region Lower Boundary Bits 6–0 — These bits define the lower boundary of the shared memory
region in multiples of 256 bytes. The block selected by this register is included in the region. See Figure 18-25
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com