Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 695 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 695 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 691Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 692Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 693Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
695
XGATE activity can still be compared, traced and can be used to generate a breakpoint to the XGATE
module. When the CPU enters active BDM mode through a BACKGROUND command, with the DBG
module armed, the DBG remains armed.
The DBG module tracing is disabled if the MCU is secure. Breakpoints can however still be generated if
the MCU is secure.
19.1.4
Block Diagram
Figure 19-1 shows a block diagram of the debug module.
Figure 19-1. Debug Block Diagram
19.2
External Signal Description
The DBG sub-module features two external tag input signals (see Table 19-2). See Device User Guide
(DUG) for the mapping of these signals to device pins. These tag pins may be used for the external tagging
in emulation modes only
Table 19-1. Mode Dependent Restriction Summary
BDM
Enable
BDM
Active
MCU
Secure
Comparator Matches
Enabled
Breakpoints
Possible
Tagging
Possible
Tracing
Possible
x
x
1
Yes
Yes
Yes
No
0
0
0
Yes
Only SWI
Yes
Yes
0
1
0
Active BDM not possible when not enabled
1
0
0
Yes
Yes
Yes
Yes
1
1
0
XGATE only
XGATE only
XGATE only
XGATE only
CPU BUS
TRIGGER
EXTERNAL TAGHI / TAGLO
MATCH0
XGATE BUS
COMPARATOR B
COMPARATOR C
COMPARATOR D
COMPARATOR A
MATCH1
MATCH2
MATCH3
READ TRACE DATA (DBG READ DATA BUS)
SECURE
BREAKPOINT REQUESTS
XGATE S/W BREAKPOINT REQUEST
TAGS
TAGHITS
STATE
CPU & XGATE
TAG &
TRIGGER
CONTROL
LOGIC
STATE
SEQUENCER
TRACE
BUFFER
TRACE
CONTROL
TRIGGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com