Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 698 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 698 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
698
Freescale Semiconductor
19.3.1.1
Debug Control Register 1 (DBGC1)
Read: Anytime
Write: Bits 7,1,0 anytime, Bit 6 can be written anytime but always reads back as 0.
Bits 5:2 anytime DBG is not armed.
NOTE
When disarming the DBG by clearing ARM with software, the contents of
bits[5:2] are not affected by the write, since up until the write operation,
ARM=1 preventing these bits from being written. These bits must be cleared
using a second write if required.
0x0029
DBGXAH
R
0
Bit 22
21
20
19
18
17
Bit 16
W
0x002A
DBGXAM
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002B
DBGXAL
R
Bit 7
654321
Bit 0
W
0x002C
DBGXDH
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002D
DBGXDL
R
Bit 7
654321
Bit 0
W
0x002E
DBGXDHM
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002F
DBGXDLM
R
Bit 7
654321
Bit 0
W
0x0020
76543210
R
ARM
0
XGSBPE
BDM
DBGBRK
COMRV
W
TRIG
Reset
00000000
Figure 19-3. Debug Control Register (DBGC1)
Address
Register
Name
Bit 7
654321
Bit 0
= Unimplemented or Reserved
Figure 19-2. DBG Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com