Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 702 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 702 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 704Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 705Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
702
Freescale Semiconductor
19.3.1.4
Debug Control Register2 (DBGC2)
Read: Anytime
Write: Anytime the module is disarmed.
This register configures the comparators for range matching.
11
Trace only in range from comparator C to comparator D
Table 19-11. TRCMOD Trace Mode Bit Encoding
TRCMOD
Description
00
NORMAL
01
LOOP1
10
DETAIL
11
Reserved
Table 19-12. TALIGN Trace Alignment Encoding
TALIGN
Description
00
Trigger at end of stored data
01
Trigger before storing data
10
Trace buffer entries before and after trigger
11
Reserved
0x0023
76543210
R
0000
CDCM
ABCM
W
Reset
00000000
Unimplemented or Reserved
Figure 19-6. Debug Control Register2 (DBGC2)
Table 19-13. DBGC2 Field Descriptions
Field
Description
3–2
CDCM[3:2]
C and D Comparator Match Control — These bits determine the C and D comparator match mapping as
described in Table 19-14.
1–0
ABCM[1:0]
A and B Comparator Match Control — These bits determine the A and B comparator match mapping as
described in Table 19-15.
Table 19-10. TRANGE Trace Range Encoding
TRANGE
Tracing Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com