Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 703 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 703 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 704Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 705Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
703
19.3.1.5
Debug Trace Buffer Register (DBGTBH:DBGTBL)
Read: Anytime when unlocked and not secured and not armed.
Write: Aligned word writes when disarmed unlock the trace buffer for reading but do not affect trace buffer
contents
Table 19-14. CDCM Encoding
CDCM
Description
00
Match2 mapped to comparator C match....... Match3 mapped to comparator D match.
01
Match2 mapped to comparator C/D inside range....... Match3 disabled.
10
Match2 mapped to comparator C/D outside range....... Match3 disabled.
11
Reserved
Table 19-15. ABCM Encoding
ABCM
Description
00
Match0 mapped to comparator A match....... Match1 mapped to comparator B match.
01
Match 0 mapped to comparator A/B inside range....... Match1 disabled.
10
Match 0 mapped to comparator A/B outside range....... Match1 disabled.
11
Reserved
0x0024
15
14
13
12
11
10
9
8
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
XXXXXXXX
Figure 19-7. Debug Trace Buffer Register (DBGTBH)
0x0025
76543210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
XXXXXXXX
Figure 19-8. Debug Trace Buffer Register (DBGTBL)
Table 19-16. DBGTB Field Descriptions
Field
Description
15–0
Bit[15:0]
Trace Buffer Data Bits — The trace buffer register is a window through which the 64-bit wide data lines of the
trace buffer may be read 16 bits at a time. Each valid read of DBGTB increments an internal trace buffer pointer
which points to the next address to be read. When the ARM bit is written to 1 the trace buffer is locked to prevent
reading. The trace buffer can only be unlocked for reading by writing to DBGTB with an aligned word write when
the module is disarmed. The DBGTB register can be read only as an aligned word, any byte reads or misaligned
access of these registers will return 0 and will not cause the trace buffer pointer to increment to the next trace
buffer address. The same is true for word reads while the debugger is armed. System resets do not affect the
trace buffer contents. The POR state is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com