Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 704 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 704 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 702Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 703Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 704Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 705Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 708Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 704 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
704
Freescale Semiconductor
19.3.1.6
Debug Count Register (DBGCNT)
Read: Anytime
Write: Never
0x0026
76543210
R
0
CNT
W
Reset
0
—
—
—————
POR
00000000
Unimplemented or Reserved
Figure 19-9. Debug Count Register (DBGCNT)
Table 19-17. DBGCNT Field Descriptions
Field
Description
6–0
CNT[6:0]
Count Value — The CNT bits [6:0] indicate the number of valid data 64-bit data lines stored in the trace buffer.
Table 19-18 shows the correlation between the CNT bits and the number of valid data lines in the trace buffer.
When the CNT rolls over to 0, the TBF bit in DBGSR is set and incrementing of CNT will continue in end-trigger
or mid-trigger mode. The DBGCNT register is cleared when ARM in DBGC1 is written to a 1. The DBGCNT
register is cleared by power-on-reset initialization but is not cleared by other system resets. Thus should a reset
occur during a debug session, the DBGCNT register still indicates after the reset, the number of valid trace buffer
entries stored before the reset occurred. The DBGCNT register is not decremented when reading from the trace
buffer.
Table 19-18. CNT Decoding Table
TBF (DBGSR)
CNT[6:0]
Description
0
0000000
No data valid
0
0000001
32 bits of one line valid1
1 This applies to normal/loop1 modes when tracing from either CPU or XGATE only.
0
0000010
1 line valid
0
0000011
0000100
0000110
..
1111100
1.5 lines valid1
2 lines valid
3 lines valid
..
62 lines valid
0
1111110
63 lines valid
1
0000000
64 lines valid; if using begin-trigger alignment,
ARM bit will be cleared and the tracing session ends.
1
0000010
..
..
1111110
64 lines valid,
oldest data has been overwritten by most recent data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com