Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 752 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 752 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 749Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 750Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 751Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 752Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 753Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 754Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 755Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 756Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
752
Freescale Semiconductor
20.3.2.2
Debug Status Register (DBGSR)
Read: Anytime
Write: Never
Address: 0x0021
76543210
R
TBF
EXTF
0
0
0
SSF2
SSF1
SSF0
W
Reset
POR
—
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Figure 20-4. Debug Status Register (DBGSR)
Table 20-6. DBGSR Field Descriptions
Field
Description
7
TBF
Trace Buffer Full — The TBF bit indicates that the trace buffer has stored 64 or more lines of data since it was
last armed. If this bit is set, then all 64 lines will be valid data, regardless of the value of DBGCNT bits CNT[6:0].
The TBF bit is cleared when ARM in DBGC1 is written to a one. The TBF is cleared by the power on reset
initialization. Other system generated resets have no affect on this bit
6
EXTF
External Tag Hit Flag — The EXTF bit indicates if a tag hit condition from an external TAGHI/TAGLO tag was
met since arming. This bit is cleared when ARM in DBGC1 is written to a one.
0 External tag hit has not occurred
1 External tag hit has occurred
2–0
SSF[2:0]
State Sequencer Flag Bits — The SSF bits indicate in which state the State Sequencer is currently in. During
a debug session on each transition to a new state these bits are updated. If the debug session is ended by
software clearing the ARM bit, then these bits retain their value to reflect the last state of the state sequencer
before disarming. If a debug session is ended by an internal trigger, then the state sequencer returns to state0
and these bits are cleared to indicate that state0 was entered during the session. On arming the module the state
sequencer enters state1 and these bits are forced to SSF[2:0] = 001. See Table 20-7
.
Table 20-7. SSF[2:0] — State Sequence Flag Bit Encoding
SSF[2:0]
Current State
000
State0 (disarmed)
001
State1
010
State2
011
State3
100
Final State
101,110,111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com