Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 755 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 755 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 751Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 752Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 753Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 754Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 755Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 756Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 757Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 758Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 759Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
755
20.3.2.4
Debug Control Register2 (DBGC2)
Read: Anytime
Write: Anytime the module is disarmed.
This register configures the comparators for range matching.
Address: 0x0023
76543210
R
0000
CDCM
ABCM
W
Reset
00000000
= Unimplemented or Reserved
Figure 20-6. Debug Control Register2 (DBGC2)
Table 20-13. DBGC2 Field Descriptions
Field
Description
3–2
CDCM[1:0]
C and D Comparator Match Control — These bits determine the C and D comparator match mapping as
described in Table 20-14.
1–0
ABCM[1:0]
A and B Comparator Match Control — These bits determine the A and B comparator match mapping as
described in Table 20-15.
Table 20-14. CDCM Encoding
CDCM
Description
00
Match2 mapped to comparator C match....... Match3 mapped to comparator D match.
01
Match2 mapped to comparator C/D inside range....... Match3 disabled.
10
Match2 mapped to comparator C/D outside range....... Match3 disabled.
11
Reserved
Table 20-15. ABCM Encoding
ABCM
Description
00
Match0 mapped to comparator A match....... Match1 mapped to comparator B match.
01
Match 0 mapped to comparator A/B inside range....... Match1 disabled.
10
Match 0 mapped to comparator A/B outside range....... Match1 disabled.
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com