Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 757 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 757 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 753Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 754Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 755Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 756Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 757Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 758Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 759Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 760Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 761Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
757
20.3.2.6
Debug Count Register (DBGCNT)
Read: Anytime
Write: Never
Address: 0x0026
76543210
R
0
CNT
W
Reset
POR
0
0
—
0
—
0
—
0
—
0
—
0
—
0
—
0
= Unimplemented or Reserved
Figure 20-8. Debug Count Register (DBGCNT)
Table 20-17. DBGCNT Field Descriptions
Field
Description
6–0
CNT[6:0]
Count Value — The CNT bits [6:0] indicate the number of valid data 64-bit data lines stored in the Trace Buffer.
Table 20-18 shows the correlation between the CNT bits and the number of valid data lines in the Trace Buffer.
When the CNT rolls over to zero, the TBF bit in DBGSR is set and incrementing of CNT will continue in
end-trigger or mid-trigger mode. The DBGCNT register is cleared when ARM in DBGC1 is written to a one. The
DBGCNT register is cleared by power-on-reset initialization but is not cleared by other system resets. Thus
should a reset occur during a debug session, the DBGCNT register still indicates after the reset, the number of
valid trace buffer entries stored before the reset occurred. The DBGCNT register is not decremented when
reading from the trace buffer.
Table 20-18. CNT Decoding Table
TBF (DBGSR)
CNT[6:0]
Description
0
0000000
No data valid
0
0000001
32 bits of one line valid1
1 This applies to Normal/Loop1 Modes when tracing from either S12XCPU or XGATE only.
0
0000010
0000100
0000110
..
1111100
1 line valid
2 lines valid
3 lines valid
..
62 lines valid
0
1111110
63 lines valid
1
0000000
64 lines valid; if using Begin trigger alignment,
ARM bit will be cleared and the tracing session ends.
1
0000010
..
..
1111110
64 lines valid,
oldest data has been overwritten by most recent data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com