Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 762 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 762 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 758Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 759Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 760Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 761Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 762Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 763Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 764Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 765Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 766Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
762
Freescale Semiconductor
20.3.2.7.4
Debug Match Flag Register (DBGMFR)
Read: Anytime
Write: Never
DBGMFR is visible at 0x0027 only with COMRV[1:0] = 11. It features four flag bits each mapped directly
to a channel. Should a match occur on the channel during the debug session, then the corresponding flag
is set and remains set until the next time the module is armed by writing to the ARM bit. Thus the contents
are retained after a debug session for evaluation purposes. These flags cannot be cleared by software, they
are cleared only when arming the module. A set flag does not inhibit the setting of other flags. Once a flag
is set, further triggers on the same channel have no affect.
20.3.2.8
Comparator Register Descriptions
Each comparator has a bank of registers that are visible through an 8-byte window in the S12XDBG
module register address map. Comparators A and C consist of 8 register bytes (3 address bus compare
registers, two data bus compare registers, two data bus mask registers and a control register).
Comparators B and D consist of four register bytes (three address bus compare registers and a control
register).
Each set of comparator registers is accessible in the same 8-byte window of the register address map and
can be accessed using the COMRV bits in the DBGC1 register. If the Comparators B or D are accessed
through the 8-byte window, then only the address and control bytes are visible, the 4 bytes associated with
data bus and data bus masking read as zero and cannot be written. Furthermore the control registers for
comparators B and D differ from those of comparators A and C.
Address: 0x0027
76543210
R
0000
MC3
MC2
MC1
MC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 20-12. Debug Match Flag Register (DBGMFR)
Table 20-26. Comparator Register Layout
0x0028
CONTROL
Read/Write
—
0x0029
ADDRESS HIGH
Read/Write
—
0x002A
ADDRESS MEDIUM
Read/Write
—
0x002B
ADDRESS LOW
Read/Write
—
0x002C
DATA HIGH COMPARATOR
Read/Write
Comparator A and C only
0x002D
DATA LOW COMPARATOR
Read/Write
Comparator A and C only
0x002E
DATA HIGH MASK
Read/Write
Comparator A and C only
0x002F
DATA LOW MASK
Read/Write
Comparator A and C only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com