Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 763 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 763 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 759Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 760Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 761Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 762Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 763Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 764Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 765Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 766Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 767Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
763
20.3.2.8.1
Debug Comparator Control Register (DBGXCTL)
The contents of this register bits 7 and 6 differ depending upon which comparator registers are visible in
the 8-byte window of the DBG module register address map.
Read: Anytime
Write: Anytime when S12XDBG not armed.
Address: 0x0028
76543210
R0
NDB
TAG
BRK
RW
RWE
SRC
COMPE
W
Reset
00000000
= Unimplemented or Reserved
Figure 20-13. Debug Comparator Control Register (Comparators A and C)
Address: 0x0028
76543210
R
SZE
SZ
TAG
BRK
RW
RWE
SRC
COMPE
W
Reset
00000000
Figure 20-14. Debug Comparator Control Register (Comparators B and D)
Table 20-27. DBGXCTL Field Descriptions
Field
Description
7
SZE
(Comparators
B nd D)
Size Comparator Enable Bit — The SZE bit controls whether access size comparison is enabled for the
associated comparator. This bit is ignored if the TAG bit in the same register is set.
0 Word/Byte access size is not used in comparison
1 Word/Byte access size is used in comparison
6
NDB
(Comparators
A and C
Not Data Bus Compare — The NDB bit controls whether the match occurs when the data bus matches the
comparator register value or when the data bus differs from the register value. Furthermore data bus bits can
be individually masked using the comparator data mask registers. This bit is only available for comparators
A and C. This bit is ignored if the TAG bit in the same register is set. This bit position has an SZ functionality
for comparators B and D.
0 Match on data bus equivalence to comparator register contents
1 Match on data bus difference to comparator register contents
6
SZ
(Comparators
B and D)
Size Comparator Value Bit — The SZ bit selects either word or byte access size in comparison for the
associated comparator. This bit is ignored if the SZE bit is cleared or if the TAG bit in the same register is set.
This bit position has NDB functionality for comparators A and C
0 Word access size will be compared
1 Byte access size will be compared
5
TAG
Tag Select — This bit controls whether the comparator match will cause a trigger or tag the opcode at the
matched address. Tagged opcodes trigger only if they reach the execution stage of the instruction queue.
0 Trigger immediately on match
1 On match, tag the opcode. If the opcode is about to be executed a trigger is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com