Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 767 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 767 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 763Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 764Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 765Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 766Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 767Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 768Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 769Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 770Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 771Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
767
20.3.2.8.6
Debug Comparator Data Low Register (DBGXDL)
Read: Anytime
Write: Anytime when S12XDBG not armed.
20.3.2.8.7
Debug Comparator Data High Mask Register (DBGXDHM)
Read: Anytime
Write: Anytime when S12XDBG not armed.
Address: 0x002D
76543210
R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
Reset
00000000
Figure 20-19. Debug Comparator Data Low Register (DBGXDL)
Table 20-33. DBGXDL Field Descriptions
Field
Description
7–0
Bits[7:0]
Comparator Data Low Compare Bits — The Comparator data low compare bits control whether the selected
comparator compares the data bus bits [7:0] to a logic one or logic zero. The comparator data compare bits are
only used in comparison if the corresponding data mask bit is logic 1. This register is available only for
comparators A and C.
0 Compare corresponding data bit to a logic zero
1 Compare corresponding data bit to a logic one
Address: 0x002E
76543210
R
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
W
Reset
00000000
Figure 20-20. Debug Comparator Data High Mask Register (DBGXDHM)
Table 20-34. DBGXDHM Field Descriptions
Field
Description
7–0
Bits[15:8]
Comparator Data High Mask Bits — The Comparator data high mask bits control whether the selected
comparator compares the data bus bits [15:8] to the corresponding comparator data compare bits. This register
is available only for comparators A and C.
0 Do not compare corresponding data bit
1 Compare corresponding data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com