Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 768 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 768 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 764Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 765Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 766Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 767Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 768Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 769Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 770Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 771Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 772Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
768
Freescale Semiconductor
20.3.2.8.8
Debug Comparator Data Low Mask Register (DBGXDLM)
Read: Anytime
Write: Anytime when S12XDBG not armed.
20.4
Functional Description
This section provides a complete functional description of the S12XDBG module. If the part is in secure
mode, the S12XDBG module can generate breakpoints but tracing is not possible.
20.4.1
S12XDBG Operation
Arming the S12XDBG module by setting ARM in DBGC1 allows triggering, and storing of data in the
trace buffer and can be used to cause breakpoints to the S12XCPU or the XGATE module. The DBG
module is made up of four main blocks, the comparators, control logic, the state sequencer, and the trace
buffer.
The comparators monitor the bus activity of the S12XCPU and XGATE modules. Comparators can be
configured to monitor address and databus. Comparators can also be configured to mask out individual
data bus bits during a compare and to use R/W and word/byte access qualification in the comparison. When
a match with a comparator register value occurs the associated control logic can trigger the state sequencer
to another state (see Figure 20-23). Either forced or tagged triggers are possible. Using a forced trigger,
the trigger is generated immediately on a comparator match. Using a tagged trigger, at a comparator match,
the instruction opcode is tagged and only if the instruction reaches the execution stage of the instruction
queue is a trigger generated. In the case of a transition to Final State, bus tracing is triggered and/or a
breakpoint can be generated. Tracing of both S12XCPU and/or XGATE bus activity is possible.
Independent of the state sequencer, a breakpoint can be triggered by the external TAGHI / TAGLO signals,
by an XGATE S/W breakpoint request or by writing to the TRIG bit in the DBGC1 control register.
Address: 0x002F
76543210
R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
Reset
00000000
Figure 20-21. Debug Comparator Data Low Mask Register (DBGXDLM)
Table 20-35. DBGXDLM Field Descriptions
Field
Description
7–0
Bits[7:0]
Comparator Data Low Mask Bits — The Comparator data low mask bits control whether the selected
comparator compares the data bus bits [7:0] to the corresponding comparator data compare bits. This register
is available only for comparators A and C.
0 Do not compare corresponding data bit
1 Compare corresponding data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com