Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 786 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 786 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 782Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 783Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 784Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 785Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 786Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 787Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 788Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 789Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 790Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
786
Freescale Semiconductor
BDM cannot be entered from a breakpoint unless the ENABLE bit is set in the BDM. If entry to BDM via
a BGND instruction is attempted and the ENABLE bit in the BDM is cleared, the S12XCPU actually
executes the BDM firmware code. It checks the ENABLE and returns if ENABLE is not set. If not serviced
by the monitor then the breakpoint is re-asserted when the BDM returns to normal S12XCPU flow.
If the comparator register contents coincide with the SWI/BDM vector address then an SWI in user code
and DBG breakpoint could occur simultaneously. The S12XCPU ensures that BDM requests have a higher
priority than SWI requests. Returning from the BDM/SWI service routine care must be taken to avoid re
triggering a breakpoint.
NOTE
When program control returns from a tagged breakpoint using an RTI or
BDM GO command without program counter modification it will return to
the instruction whose tag generated the breakpoint. To avoid re triggering a
breakpoint at the same location reconfigure the S12XDBG module in the
SWI routine, if configured for an SWI breakpoint, or over the BDM
interface by executing a TRACE command before the GO to increment the
program flow past the tagged instruction.
An XGATE software breakpoint is forced immediately, the tracing session
terminated and the XGATE module execution stops. The user can thus
determine if an XGATE breakpoint has occurred by reading out the XGATE
program counter over the BDM interface.
Table 20-45. Breakpoint Mapping Summary
DBGBRK[1]
(DBGC1[3])
BDM Bit
(DBGC1[4])
BDM
Enabled
BDM
Active
S12X Breakpoint
Mapping
0
X
X
X
No Breakpoint
1
0
X
0
Breakpoint to SWI
1
0
X
1
No Breakpoint
1
1
0
X
Breakpoint to SWI
1
1
1
0
Breakpoint to BDM
1
1
1
1
No Breakpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com