Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 789 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 789 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 785Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 786Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 787Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 788Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 789Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 790Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 791Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 792Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 793Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
789
Table 21-1. External System Signals Associated with XEBI
Signal
I1/O
1 All inputs are capable of reducing input threshold level
EBI Signal
Multiplex
(T)ime2
(F)unction3
2 Time-multiplex means that the respective signals share the same pin on chip level and are active alternating in a dedicated
time slot (in modes where applicable).
3 Function-multiplex means that one of the respective signals sharing the same pin on chip level continuously uses the pin
depending on configuration and reset state.
Description
Available in Modes
NS
SS
NX
ES
EX
ST
RE
O
—
—
Read Enable, indicates external read access
No
No
Yes
No
No
No
ADDR[22:20]
O
T
—
External address
No
No
Yes
Yes
Yes
Yes
ACC[2:0]
O
—
Access source
No
No
No
Yes
Yes
Yes
ADDR[19:16]
O
T
—
External address
No
No
Yes
Yes
Yes
Yes
IQSTAT[3:0]
O
—
Instruction Queue Status
No
No
No
Yes
Yes
Yes
ADDR[15:1]
O
T
—
External address
No
No
Yes
Yes
Yes
Yes
IVD[15:1]
O
—
Internal visibility read data (IVIS = 1)
No
No
No
Yes
Yes
Yes
ADDR0
O
T
F
External address
No
No
No
Yes
Yes
Yes
IVD0
O
Internal visibility read data (IVIS = 1)
No
No
No
Yes
Yes
Yes
UDS
O
—
Upper Data Select, indicates external access
to the high byte DATA[15:8]
No
No
Yes
No
No
No
LSTRB
O
—
F
Low Strobe, indicates valid data on DATA[7:0]
No
No
No
Yes
Yes
Yes
LDS
O
—
Lower Data Select, indicates external access
to the low byte DATA[7:0]
No
No
Yes
No
No
No
R/W
O
—
F
Read/Write, indicates the direction of internal
data transfers
No
No
No
Yes
Yes
Yes
WE
O
—
Write Enable, indicates external write access
No
No
Yes
No
No
No
DATA[15:8]
I/O
—
—
Bidirectional data (even address)
No
No
Yes
Yes
Yes
Yes
DATA[7:0]
I/O
—
—
Bidirectional data (odd address)
No
No
Yes
Yes
Yes
Yes
EWAIT
I
—
—
External control for external bus access
stretches (adding wait states)
No
No
Yes
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com