Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 836 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 836 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 832Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 833Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 834Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 835Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 836Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 837Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 838Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 839Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 840Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
836
Freescale Semiconductor
22.3.2.13 ECLK Control Register (ECLKCTL)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
The ECLKCTL register is used to control the availability of the free-running clocks and the free-running
clock divider.
76543210
R
NECLK
NCLKX2
0000
EDIV1
EDIV0
W
Reset1
1 Reset values in emulation modes are identical to those of the target mode.
Mode
Dependent
1000000
Mode
SS
01000000
Special
Single-Chip
ES
11000000
Emulation
Single-Chip
ST
01000000
Special
Test
EX
01000000
Emulation
Expanded
NS
11000000
Normal
Single-Chip
NX
01000000
Normal
Expanded
= Unimplemented or Reserved
Figure 22-15. ECLK Control Register (ECLKCTL)
Table 22-16. ECLKCTL Field Descriptions
Field
Description
7
NECLK
No ECLK — This bit controls the availability of a free-running clock on the ECLK pin. Clock output is always
active in emulation modes and if enabled in all other operating modes.
0 ECLK enabled
1 ECLK disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com