Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 837 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 837 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 833Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 834Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 835Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 836Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 837Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 838Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 839Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 840Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 841Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
837
22.3.2.14 IRQ Control Register (IRQCR)
Read: See individual bit descriptions below.
Write: See individual bit descriptions below.
6
NCLKX2
No ECLKX2 — This bit controls the availability of a free-running clock on the ECLKX2 pin. This clock has a fixed
rate of twice the internal bus clock. Clock output is always active in emulation modes and if enabled in all other
operating modes.
0 ECLKX2 is enabled
1 ECLKX2 is disabled
1–0
EDIV[1:0]
Free-Running ECLK Divider — These bits determine the rate of the free-running clock on the ECLK pin. The
usage of the bits is shown in Table 22-17. Divider is always disabled in emulation modes and active as
programmed in all other operating modes.
Table 22-17. Free-Running ECLK Clock Rate
EDIV[1:0]
Rate of Free-Running ECLK
00
ECLK = Bus clock rate
01
ECLK = Bus clock rate divided by 2
10
ECLK = Bus clock rate divided by 3
11
ECLK = Bus clock rate divided by 4
76543210
R
IRQE
IRQEN
000000
W
Reset
01000000
= Unimplemented or Reserved
Figure 22-16. IRQ Control Register (IRQCR)
Table 22-18. IRQCR Field Descriptions
Field
Description
7
IRQE
IRQ Select Edge Sensitive Only
Special modes: Read or write anytime.
Normal and emulation modes: Read anytime, write once.
0 IRQ configured for low level recognition.
1 IRQ configured to respond only to falling edges. Falling edges on the IRQ pin will be detected anytime
IRQE = 1 and will be cleared only upon a reset or the servicing of the IRQ interrupt.
6
IRQEN
External IRQ Enable
Read or write anytime.
0 External IRQ pin is disconnected from interrupt logic.
1 External IRQ pin is connected to interrupt logic.
Table 22-16. ECLKCTL Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com