Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 842 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 842 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 838Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 839Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 840Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 841Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 842Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 843Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 844Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 845Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 846Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
842
Freescale Semiconductor
22.3.2.20 Port T Reduced Drive Register (RDRT)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each port T output pin as either full or reduced. If the port is
used as input this bit is ignored.
22.3.2.21 Port T Pull Device Enable Register (PERT)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as input.
This bit has no effect if the port is used as output. Out of reset no pull device is enabled.
76543210
R
RDRT7
RDRT6
RDRT5
RDRT4
RDRT3
RDRT2
RDRT1
RDRT0
W
Reset
00000000
Figure 22-22. Port T Reduced Drive Register (RDRT)
Table 22-24. RDRT Field Descriptions
Field
Description
7–0
RDRT[7:0]
Reduced Drive Port T
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERT7
PERT6
PERT5
PERT4
PERT3
PERT2
PERT1
PERT0
W
Reset
00000000
Figure 22-23. Port T Pull Device Enable Register (PERT)
Table 22-25. PERT Field Descriptions
Field
Description
7–0
PERT[7:0]
Pull Device Enable Port T
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com