Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 843 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 843 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 839Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 840Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 841Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 842Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 843Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 844Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 845Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 846Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 847Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 843 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
843
22.3.2.22 Port T Polarity Select Register (PPST)
Read: Anytime.
Write: Anytime.
This register selects whether a pull-down or a pull-up device is connected to the pin.
22.3.2.23 Port S Data Register (PTS)
Read: Anytime.
Write: Anytime.
Port S pins 7–4 are associated with the SPI0. The SPI0 pin configuration is determined by several status
bits in the SPI0 module. Refer to SPI section for details. When not used with the SPI0, these pins can be
used as general purpose I/O.
Port S bits 3–0 are associated with the SCI1 and SCI0. The SCI ports associated with transmit pins 3 and
1 are configured as outputs if the transmitter is enabled. The SCI ports associated with receive pins 2 and
0 are configured as inputs if the receiver is enabled. Refer to SCI section for details. When not used with
the SCI, these pins can be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
76543210
R
PPST7
PPST6
PPST5
PPST4
PPST3
PPST2
PPST1
PPST0
W
Reset
00000000
Figure 22-24. Port T Polarity Select Register (PPST)
Table 22-26. PPST Field Descriptions
Field
Description
7–0
PPST[7:0]
Pull Select Port T
0 A pull-up device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
1 A pull-down device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
76543210
R
PTS7
PTS6
PTS5
PTS4
PTS3
PTS2
PTS1
PTS0
W
SCI/SPI
SS0
SCK0
MOSI0
MISO0
TXD1
RXD1
TXD0
RXD0
Reset
00000000
Figure 22-25. Port S Data Register (PTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com