Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 881 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 881 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 877Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 878Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 879Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 880Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 881Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 882Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 883Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 884Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 885Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 881 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
881
22.4
Functional Description
Each pin except PE0, PE1, and BKGD can act as general purpose I/O. In addition each pin can act as an
output from the external bus interface module or a peripheral module or an input to the external bus
interface module or a peripheral module.
A set of configuration registers is common to all ports with exceptions in the expanded bus interface and
ATD ports (Table 22-67). All registers can be written at any time; however a specific configuration might
not become active.
Example: Selecting a pull-up device
This device does not become active while the port is used as a push-pull output.
22.4.1
Registers
22.4.1.1
Data Register
This register holds the value driven out to the pin if the pin is used as a general purpose I/O.
Writing to this register has only an effect on the pin if the pin is used as general purpose output. When
reading this address, the buffered state of the pin is returned if the associated data direction register bit is
set to “0”.
If the data direction register bits are set to logic level “1”, the contents of the data register is returned. This
is independent of any other configuration (Figure 22-76).
Table 22-67. Register Availability per Port1
1 Each cell represents one register with individual configuration bits
Port
Data
Data
Direction
Input
Reduced
Drive
Pull
Enable
Polarity
Select
Wired-OR
Mode
Interrupt
Enable
Interrupt
Flag
A
yes
yes
—
yes
yes
—
—
—
—
B
yes
yes
—
————
C
yes
yes
—
————
D
yes
yes
—
————
E
yes
yes
—
————
K
yes
yes
—
————
T
yes
yes
yes
yes
yes
—
—
—
—
S
yes
yes
yes
yes
yes
yes
yes
—
—
M
yes
yes
yes
yes
yes
yes
yes
—
—
P
yes
yes
yes
yes
yes
yes
—
yes
yes
H
yes
yes
yes
yes
yes
yes
—
yes
yes
J
yes
yes
yes
yes
yes
yes
—
yes
yes
AD0
yes
yes
—
yes
yes
—
—
—
—
AD1
yes
yes
—
yes
yes
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com