Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 883 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 883 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 879Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 880Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 881Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 882Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 883Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 884Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 885Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 886Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 887Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
883
22.4.1.8
Interrupt Enable Register
If the pin is used as an interrupt input this register serves as a mask to the interrupt flag to enable/disable
the interrupt.
22.4.1.9
Interrupt Flag Register
If the pin is used as an interrupt input this register holds the interrupt flag after a valid pin event.
22.4.1.10 Module Routing Register
This register supports the re-routing of the CAN0, CAN4, SPI0, SPI1, and SPI2 pins to alternative ports.
This allows a software re-configuration of the pinouts of the different package options with respect to
above peripherals.
NOTE
The purpose of the module routing register is to provide maximum
flexibility for derivatives with a lower number of MSCAN and SPI modules.
22.4.2
Ports
22.4.2.1
BKGD Pin
The BKGD pin is associated with the S12X_BDM and S12X_EBI modules. During reset, the BKGD pin
is used as MODC input.
22.4.2.2
Port A and B
Port A pins PA[7:0] and Port B pins PB[7:0] can be used for either general-purpose I/O, or, in 144-pin
packages, also with the external bus interface. In this case port A and port B are associated with the
external address bus outputs ADDR15–ADDR8 and ADDR7–ADDR0, respectively. PB0 is the ADDR0
or UDS output.
Table 22-68. Module Implementations on Derivatives
Number
of Modules
MSCAN Modules
SPI Modules
CAN0
CAN1
CAN2
CAN3
CAN4
SPI0
SPI1
SPI2
5
yes
yes
yes
yes
yes
—
—
—
4
yes
yes
yes
—
yes
—
—
—
3
yes
yes
—
—
yes
yes
yes
yes
2
yes
—
—
—
yes
yes
yes
—
1
yes
————
yes
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com