Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 923 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 923 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 919Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 920Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 921Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 922Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 923Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 924Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 925Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 926Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 927Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1350 page
background image
23.0.5.6
Port D Data Register (PORTD)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in
all other modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
23.0.5.7
Port C Data Direction Register (DDRC)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in
all other modes the data are read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
Table 23-8. PORTC Field Descriptions
Field
Description
7–0
PC[7:0]
Port C — Port C pins 7–0 can be used as general purpose I/O. If the data direction bits of the associated I/O pins
are set to logic level “1”, a read returns the value of the port register, otherwise the buffered pin input state is read.
76543210
R
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
W
Reset
00000000
Figure 23-8. Port D Data Register (PORTD)
Table 23-9. PORTD Field Descriptions
Field
Description
7–0
PD[7:0]
Port D — Port D pins 7–0. — If the data direction bits of the associated I/O pins are set to logic level “1”, a read
returns the value of the port register, otherwise the buffered pin input state is read.
76543210
R
DDRC7
DDRC6
DDRC5
DDRC4
DDRC3
DDRC2
DDRC1
DDRC0
W
Reset
00000000
Figure 23-9. Port C Data Direction Register (DDRC)
Table 23-10. DDRC Field Descriptions
Field
Description
7–0
DDRC[7:0]
Data Direction Port C — This register controls the data direction for port C. DDRC determines whether each pin
is an input or output. A logic level “1” causes the associated port pin to be an output and a logic level “0” causes
the associated pin to be a high-impedance input.
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PORTC after changing the DDRC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com