Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 927 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 927 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 923Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 924Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 925Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 926Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 927Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 928Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 929Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 930Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 931Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 927 / 1350 page
background image
23.0.5.12 S12X_EBI Ports Reduced Drive Register (RDRIV)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in
all other modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
This register is used to select reduced drive for the pins associated with ports A, B, E, and K. If
enabled, the pins drive at about 1/6 of the full drive strength. The reduced drive function is
independent of which function is being used on a particular pin.
The reduced drive functionality does not take effect on the pins in emulation modes.
76543210
R
RDPK
00
RDPE
RDPD
RDPC
RDPB
RDPA
W
Reset
00000000
= Unimplemented or Reserved
Figure 23-14. S12X_EBI Ports Reduced Drive Register (RDRIV)
Table 23-15. RDRIV Field Descriptions
Field
Description
7
RDPK
Reduced Drive of Port K
0 All port K output pins have full drive enabled.
1 All port K output pins have reduced drive enabled.
4
RDPE
Reduced Drive of Port E
0 All port E output pins have full drive enabled.
1 All port E output pins have reduced drive enabled.
3
RDPD
Reduced Drive of Port D
0 All port D output pins have full drive enabled.
1 All port D output pins have reduced drive enabled.
2
RDPC
Reduced Drive of Port C
0 All port C output pins have full drive enabled.
1 All port C output pins have reduced drive enabled.
1
RDPB
Reduced Drive of Port B
0 All port B output pins have full drive enabled.
1 All port B output pins have reduced drive enabled.
0
RDPA
Reduced Drive of Ports A
0 All Port A output pins have full drive enabled.
1 All port A output pins have reduced drive enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com