Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 930 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 930 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 926Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 927Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 928Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 929Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 930Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 931Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 932Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 933Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
930
Freescale Semiconductor
23.0.5.15 Port K Data Register (PORTK)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
23.0.5.16 Port K Data Direction Register (DDRK)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
This register controls the data direction for port K. When Port K is operating as a general purpose I/O port,
DDRK determines whether each pin is an input or output. A logic level “1” causes the associated port pin
to be an output and a logic level “0” causes the associated pin to be a high-impedance input.
76543210
R
PK7
PK6
PK5
PK4
PK3
PK2
PK1
PK0
W
Alt.
Func.
ROMCTL
or
EWAIT
ADDR22
mux
NOACC
ADDR21
ADDR20
ADDR19
mux
IQSTAT3
ADDR18
mux
IQSTAT2
ADDR17
mux
IQSTAT1
ADDR16
mux
IQSTAT0
Reset
00000000
Figure 23-17. Port K Data Register (PORTK)
Table 23-19. PORTK Field Descriptions
Field
Description
7–0
PK[7:0]
Port K — Port K pins 7–0 are associated with external bus control signals and internal memory expansion
emulation pins. These include ADDR22-ADDR16, No-Access (NOACC), External Wait (EWAIT) and instruction
pipe signals IQSTAT3-IQSTAT0. Bits 6-0 carry the external addresses in all expanded modes. In emulation or
special test mode with internal visibility enabled the address is multiplexed with the alternate functions NOACC
and IQSTAT on the respective pins. In single-chip modes the port pins can be used as general-purpose I/O. If
the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the port
register, otherwise the buffered pin input state is read.
76543210
R
DDRK7
DDRK6
DDRK5
DDRK4
DDRK3
DDRK2
DDRK1
DDRK0
W
Reset
00000000
Figure 23-18. Port K Data Direction Register (DDRK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com