Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 933 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 933 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 929Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 930Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 931Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 932Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 933Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 935Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 936Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 937Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1350 page
background image
This register configures the drive strength of each port T output pin as either full or reduced. If the
port is used as input this bit is ignored.
23.0.5.21 Port T Pull Device Enable Register (PERT)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as
input. This bit has no effect if the port is used as output. Out of reset no pull device is enabled.
23.0.5.22 Port T Polarity Select Register (PPST)
Read: Anytime.
Write: Anytime.
This register selects whether a pull-down or a pull-up device is connected to the pin.
Table 23-24. RDRT Field Descriptions
Field
Description
7–0
RDRT[7:0]
Reduced Drive Port T
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERT7
PERT6
PERT5
PERT4
PERT3
PERT2
PERT1
PERT0
W
Reset
00000000
Figure 23-23. Port T Pull Device Enable Register (PERT)
Table 23-25. PERT Field Descriptions
Field
Description
7–0
PERT[7:0]
Pull Device Enable Port T
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.
76543210
R
PPST7
PPST6
PPST5
PPST4
PPST3
PPST2
PPST1
PPST0
W
Reset
00000000
Figure 23-24. Port T Polarity Select Register (PPST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com