Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 936 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 936 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 932Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 933Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 935Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 936Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 937Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 938Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 939Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 940Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 936 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
936
Freescale Semiconductor
This register configures the drive strength of each port S output pin as either full or reduced. If the port is
used as input this bit is ignored.
23.0.5.27 Port S Pull Device Enable Register (PERS)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as input or
as output in wired-OR (open drain) mode. This bit has no effect if the port is used as push-pull output. Out
of reset a pull-up device is enabled.
23.0.5.28 Port S Polarity Select Register (PPSS)
Read: Anytime.
Write: Anytime.
This register selects whether a pull-down or a pull-up device is connected to the pin.
Table 23-28. RDRS Field Descriptions
Field
Description
7–0
RDRS[7:0]
Reduced Drive Port S
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERS7
PERS6
PERS5
PERS4
PERS3
PERS2
PERS1
PERS0
W
Reset
11111111
Figure 23-29. Port S Pull Device Enable Register (PERS)
Table 23-29. PERS Field Descriptions
Field
Description
7–0
PERS[7:0]
Pull Device Enable Port S
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.
76543210
R
PPSS7
PPSS6
PPSS5
PPSS4
PPSS3
PPSS2
PPSS1
PPSS0
W
Reset
00000000
Figure 23-30. Port S Polarity Select Register (PPSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com