Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 935 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 935 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 931Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 932Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 933Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 935Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 936Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 937Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 938Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 939Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 1350 page
background image
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the buffered state of the associated pins. This also can be used to
detect overload or short circuit conditions on output pins.
23.0.5.25 Port S Data Direction Register (DDRS)
Read: Anytime.
Write: Anytime.
This register configures each port S pin as either input or output.
If SPI0 is enabled, the SPI0 determines the pin direction. Refer to SPI section for details.
If the associated SCI transmit or receive channel is enabled this register has no effect on the pins.
The pin is forced to be an output if a SCI transmit channel is enabled, it is forced to be an input if
the SCI receive channel is enabled.
The DDRS bits revert to controlling the I/O direction of a pin when the associated channel is
disabled.
23.0.5.26 Port S Reduced Drive Register (RDRS)
Read: Anytime.
Write: Anytime.
76543210
R
DDRS7
DDRS6
DDRS5
DDRS4
DDRS3
DDRS2
DDRS1
DDRS0
W
Reset
00000000
Figure 23-27. Port S Data Direction Register (DDRS)
Table 23-27. DDRS Field Descriptions
Field
Description
7–0
DDRS[7:0]
Data Direction Port S
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTS or PTIS registers, when changing the DDRS register.
76543210
R
RDRS7
RDRS6
RDRS5
RDRS4
RDRS3
RDRS2
RDRS1
RDRS0
W
Reset
00000000
Figure 23-28. Port S Reduced Drive Register (RDRS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com