Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 937 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 937 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 933Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 935Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 936Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 937Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 938Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 939Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 940Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 941Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 937 / 1350 page
background image
23.0.5.29 Port S Wired-OR Mode Register (WOMS)
Read: Anytime.
Write: Anytime.
This register configures the output pins as wired-OR. If enabled the output is driven active low only
(open-drain). A logic level of “1” is not driven. It applies also to the SPI and SCI outputs and allows
a multipoint connection of several serial modules. These bits have no influence on pins used as
inputs.
Table 23-30. PPSS Field Descriptions
Field
Description
7–0
PPSS[7:0]
Pull Select Port S
0 A pull-up device is connected to the associated port S pin, if enabled by the associated bit in register PERS
and if the port is used as input or as wired-OR output.
1 A pull-down device is connected to the associated port S pin, if enabled by the associated bit in register PERS
and if the port is used as input.
76543210
R
WOMS7
WOMS6
WOMS5
WOMS4
WOMS3
WOMS2
WOMS1
WOMS0
W
Reset
00000000
Figure 23-31. Port S Wired-OR Mode Register (WOMS)
Table 23-31. WOMS Field Descriptions
Field
Description
7–0
WOMS[7:0]
Wired-OR Mode Port S
0 Output buffers operate as push-pull outputs.
1 Output buffers operate as open-drain outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com