Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 934 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 934 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 930Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 931Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 932Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 933Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 935Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 936Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 937Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 938Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
934
Freescale Semiconductor
23.0.5.23 Port S Data Register (PTS)
Read: Anytime.
Write: Anytime.
Port S pins 7–4 are associated with the SPI0. The SPI0 pin configuration is determined by several status
bits in the SPI0 module. Refer to SPI section for details. When not used with the SPI0, these pins can be
used as general purpose I/O.
Port S bits 3–0 are associated with the SCI1 and SCI0. The SCI ports associated with transmit pins 3 and
1 are configured as outputs if the transmitter is enabled. The SCI ports associated with receive pins 2 and
0 are configured as inputs if the receiver is enabled. Refer to SCI section for details. When not used with
the SCI, these pins can be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
23.0.5.24 Port S Input Register (PTIS)
Table 23-26. PPST Field Descriptions
Field
Description
7–0
PPST[7:0]
Pull Select Port T
0 A pull-up device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
1 A pull-down device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
76543210
R
PTS7
PTS6
PTS5
PTS4
PTS3
PTS2
PTS1
PTS0
W
SCI/SPI
SS0
SCK0
MOSI0
MISO0
TXD1
RXD1
TXD0
RXD0
Reset
00000000
Figure 23-25. Port S Data Register (PTS)
76543210
R
PTIS7
PTIS6
PTIS5
PTIS4
PTIS3
PTIS2
PTIS1
PTIS0
W
Reset1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
————————
= Unimplemented or Reserved
Figure 23-26. Port S Input Register (PTIS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com