Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 944 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 944 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 940Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 941Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 942Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 943Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 944Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 945Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 946Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 947Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 948Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
944
Freescale Semiconductor
23.0.5.40 Port P Data Direction Register (DDRP)
Read: Anytime.
Write: Anytime.
This register configures each port P pin as either input or output.
If the associated PWM channel or SPI module is enabled this register has no effect on the pins.
The PWM forces the I/O state to be an output for each port line associated with an enabled PWM7–0
channel. Channel 7 can force the pin to input if the shutdown feature is enabled. Refer to PWM section for
details.
If SPI is enabled, the SPI determines the pin direction. Refer to SPI section for details.
The DDRP bits revert to controlling the I/O direction of a pin when the associated peripherals are disabled.
23.0.5.41 Port P Reduced Drive Register (RDRP)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each port P output pin as either full or reduced. If the port is
used as input this bit is ignored.
76543210
R
DDRP7
DDRP6
DDRP5
DDRP4
DDRP3
DDRP2
DDRP1
DDRP0
W
Reset
00000000
Figure 23-42. Port P Data Direction Register (DDRP)
Table 23-39. DDRP Field Descriptions
Field
Description
7–0
DDRP[7:0]
Data Direction Port P
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTP or PTIP registers, when changing the DDRP register.
76543210
R
RDRP7
RDRP6
RDRP5
RDRP4
RDRP3
RDRP2
RDRP1
RDRP0
W
Reset
00000000
Figure 23-43. Port P Reduced Drive Register (RDRP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com