Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 947 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 947 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 943Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 944Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 945Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 946Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 947Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 948Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 949Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 950Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 951Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1350 page
background image
Each flag is set by an active edge on the associated input pin. This could be a rising or a falling
edge based on the state of the PPSP register. To clear this flag, write logic level “1” to the
corresponding bit in the PIFP register. Writing a “0” has no effect.
23.0.5.46 Port H Data Register (PTH)
Read: Anytime.
Write: Anytime.
Port H pins 7–0 are associated with the SCI4 as well as the routed SPI1 and SPI2.
These pins can be used as general purpose I/O when not used with any of the peripherals.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value
of the port register, otherwise the buffered pin input state is read.
The routed SPI2 function takes precedence over the SCI4 and the general purpose I/O function if
the routed SPI2 module is enabled. Refer to SPI section for details.The routed SPI1 function takes
precedence over the general purpose I/O function if the routed SPI1 is enabled. Refer to SPI section
for details.
The SCI4 function takes precedence over the general purpose I/O function if the SCI4 is enabled
Table 23-44. PIFP Field Descriptions
Field
Description
7–0
PIFP[7:0]
Interrupt Flags Port P
0 No active edge pending. Writing a “0” has no effect.
1 Active edge on the associated bit has occurred (an interrupt will occur if the associated enable bit is set).
Writing a logic level “1” clears the associated flag.
76543210
R
PTH7
PTH6
PTH5
PTH4
PTH3
PTH2
PTH1
PTH0
W
SCI
TXD4
RXD4
Routed
SPI
SS2
SCK2
MOSI2
MISO2
SS1
SCK1
MOSI1
MISO1
Reset
00000000
Figure 23-48. Port H Data Register (PTH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com