Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 949 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 949 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 945Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 946Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 947Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 948Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 949Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 950Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 951Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 952Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 953Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1350 page
background image
23.0.5.49 Port H Reduced Drive Register (RDRH)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each Port H output pin as either full or reduced. If the
port is used as input this bit is ignored.
23.0.5.50 Port H Pull Device Enable Register (PERH)
Read: Anytime.
Write: Anytime.
This register configures whether a pull-up or a pull-down device is activated, if the port is used as
input. This bit has no effect if the port is used as output. Out of reset no pull device is enabled.
Table 23-45. DDRH Field Descriptions
Field
Description
7–0
DDRH[7:0]
Data Direction Port H
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTH or PTIH registers, when changing the DDRH register.
76543210
R
RDRH7
RDRH6
RDRH5
RDRH4
RDRH3
RDRH2
RDRH1
RDRH0
W
Reset
00000000
Figure 23-51. Port H Reduced Drive Register (RDRH)
Table 23-46. RDRH Field Descriptions
Field
Description
7–0
RDRH[7:0]
Reduced Drive Port H
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PERH7
PERH6
PERH5
PERH4
PERH3
PERH2
PERH1
PERH0
W
Reset
00000000
Figure 23-52. Port H Pull Device Enable Register (PERH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com