Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 953 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 953 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 949Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 950Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 951Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 952Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 953Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 954Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 955Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 956Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 957Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1350 page
background image
23.0.5.55 Port J Input Register (PTIJ)
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the buffered state of the associated pins. This can be used to detect
overload or short circuit conditions on output pins.
23.0.5.56 Port J Data Direction Register (DDRJ)
Read: Anytime.
Write: Anytime.
This register configures each port J pin as either input or output.
The CAN forces the I/O state to be an output on PJ7 (TXCAN4) and an input on pin PJ6
(RXCAN4). The IIC takes control of the I/O if enabled. In these cases the data direction bits will
not change.
The SCI2 forces the I/O state to be an output for each port line associated with an enabled output
(TXD2). It also forces the I/O state to be an input for each port line associated with an enabled input
(RXD2). In these cases the data direction bits will not change.
The DDRJ bits revert to controlling the I/O direction of a pin when the associated peripheral
module is disabled.
76543210
R
PTIJ7
PTIJ6
PTIJ5
PTIJ4
0
PTIJ2
PTIJ1
PTIJ0
W
Reset1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
00000000
= Unimplemented or Reserved
Figure 23-57. Port J Input Register (PTIJ)
76543210
R
DDRJ7
DDRJ6
DDRJ5
DDRJ4
0
DDRJ2
DDRJ1
DDRJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 23-58. Port J Data Direction Register (DDRJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com