Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 957 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 957 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 953Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 954Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 955Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 956Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 957Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 958Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 959Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 960Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 961Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 957 / 1350 page
background image
This register is associated with AD0 pins PAD[23:10]. These pins can also be used as general
purpose I/O.
If the data direction bits of the associated I/O pins are set to 1, a read returns the value of the port
register, otherwise the value at the pins is read.
23.0.5.63 Port AD0 Data Direction Register 1 (DDR1AD0)
Read: Anytime.
Write: Anytime.
This register configures pins PAD[07:00] as either input or output.
23.0.5.64 Port AD0 Reduced Drive Register 1 (RDR1AD0)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each output pin PAD[07:00] as either full or reduced.
If the port is used as input this bit is ignored.
76543210
R
DDR1AD07
DDR1AD06
DDR1AD05
DDR1AD04
DDR1AD03
DDR1AD02
DDR1AD01
DDR1AD00
W
Reset
00000000
Figure 23-65. Port AD0 Data Direction Register 1 (DDR1AD0)
Table 23-58. DDR1AD0 Field Descriptions
Field
Description
7–0
DDR1AD0[7:0]
Data Direction Port AD0 Register 1
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is
read on PTAD01 register, when changing the DDR1AD0 register.
Note: To use the digital input function on port AD0 the ATD0 digital input enable register (ATD0DIEN) has to
be set to logic level “1”.
76543210
R
RDR1AD07
RDR1AD06
RDR1AD05
RDR1AD04
RDR1AD03
RDR1AD02
RDR1AD01
RDR1AD00
W
Reset
00000000
Figure 23-66. Port AD0 Reduced Drive Register 1 (RDR1AD0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com