Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 956 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 956 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 952Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 953Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 954Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 955Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 956Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 957Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 958Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 959Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 960Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 956 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
956
Freescale Semiconductor
This register disables or enables on a per-pin basis the edge sensitive external interrupt associated with
Port J.
23.0.5.61 Port J Interrupt Flag Register (PIFJ)
Read: Anytime.
Write: Anytime.
Each flag is set by an active edge on the associated input pin. This could be a rising or a falling edge based
on the state of the PPSJ register. To clear this flag, write logic level “1” to the corresponding bit in the PIFJ
register. Writing a “0” has no effect.
23.0.5.62 Port AD0 Data Register 1 (PT1AD0)
Read: Anytime.
Write: Anytime.
Table 23-56. PIEJ Field Descriptions
Field
Description
7–0
PIEJ[7:4]
PIEJ[2:0]
Interrupt Enable Port J
0 Interrupt is disabled (interrupt flag masked).
1 Interrupt is enabled.
76543210
R
PIFJ7
PIFJ6
PIFJ5
PIFJ4
0
PIFJ2
PIFJ1
PIFJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 23-63. Port J Interrupt Flag Register (PIFJ)
Table 23-57. PIEJ Field Descriptions
Field
Description
7–0
PIFJ[7:4]
PIFJ[2:0]
Interrupt Flags Port J
0 No active edge pending. Writing a “0” has no effect.
1 Active edge on the associated bit has occurred (an interrupt will occur if the associated enable bit is set).
Writing a logic level “1” clears the associated flag.
76543210
R
PT1AD07
PT1AD06
PT1AD05
PT1AD04
PT1AD03
PT1AD02
PT1AD01
PT1AD00
W
Reset
00000000
Figure 23-64. Port AD0 Data Register 1 (PT1AD0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com