Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 958 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 958 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 954Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 955Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 956Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 957Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 958Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 959Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 960Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 961Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 962Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 958 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
958
Freescale Semiconductor
23.0.5.65 Port AD0 Pull Up Enable Register 1 (PER1AD0)
Read: Anytime.
Write: Anytime.
This register activates a pull-up device on the respective pin PAD[07:00] if the port is used as input. This
bit has no effect if the port is used as output. Out of reset no pull device is enabled.
23.0.5.66 Port AD1 Data Register 0 (PT0AD1)
Read: Anytime.
Write: Anytime.
This register is associated with AD1 pins PAD[23:16]. These pins can also be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to 1, a read returns the value of the port register,
otherwise the value at the pins is read.
Table 23-59. RDR1AD0 Field Descriptions
Field
Description
7–0
RDR1AD0[7:0]
Reduced Drive Port AD0 Register 1
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.
76543210
R
PER1AD07
PER1AD06
PER1AD05
PER1AD04
PER1AD03
PER1AD02
PER1AD01
PER1AD00
W
Reset
00000000
Figure 23-67. Port AD0 Pull Up Enable Register 1 (PER1AD0)
Table 23-60. PER1AD0 Field Descriptions
Field
Description
7–0
PER1AD0[7:0]
Pull Device Enable Port AD0 Register 1
0 Pull-up device is disabled.
1 Pull-up device is enabled.
76543210
R
W
PT0AD123
PT0AD122
PT0AD121
PT0AD120
PT0AD119
PT0AD118
PT0AD117
PT0AD116
Reset
00000000
Figure 23-68. Port AD1 Data Register 0 (PT0AD1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com