Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1004 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1004 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1002Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1005Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1006Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1007Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1008Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1004
Freescale Semiconductor
Port S pins 7–4 are associated with the SPI0. The SPI0 pin configuration is determined by several status
bits in the SPI0 module. Refer to SPI section for details. When not used with the SPI0, these pins can be
used as general purpose I/O.
Port S bits 3–0 are associated with the SCI1 and SCI0. The SCI ports associated with transmit pins 3 and
1 are configured as outputs if the transmitter is enabled. The SCI ports associated with receive pins 2 and
0 are configured as inputs if the receiver is enabled. Refer to SCI section for details. When not used with
the SCI, these pins can be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
24.0.5.20 Port S Input Register (PTIS)
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the buffered state of the associated pins. This also can be used to detect
overload or short circuit conditions on output pins.
24.0.5.21 Port S Data Direction Register (DDRS)
Read: Anytime.
Write: Anytime.
This register configures each port S pin as either input or output.
If SPI0 is enabled, the SPI0 determines the pin direction. Refer to SPI section for details.
76543210
R
PTIS7
PTIS6
PTIS5
PTIS4
PTIS3
PTIS2
PTIS1
PTIS0
W
Reset1
1. These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the
associated pin values.
————————
= Unimplemented or Reserved
Figure 24-22. Port S Input Register (PTIS)
76543210
R
DDRS7
DDRS6
DDRS5
DDRS4
DDRS3
DDRS2
DDRS1
DDRS0
W
Reset
00000000
Figure 24-23. Port S Data Direction Register (DDRS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com