Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1000 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1000 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 996Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 997Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 998Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 999Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1002Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1003Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1004Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1000
Freescale Semiconductor
24.0.5.12 Port K Data Direction Register (DDRK)
Read: Anytime.
Write: Anytime.
This register controls the data direction for port K. DDRK determines whether each pin (except PK6) is
an input or output. A logic level “1” causes the associated port pin to be an output and a logic level “0”
causes the associated pin to be a high-impedance input.
24.0.5.13 Port T Data Register (PTT)
Read: Anytime.
Write: Anytime.
Table 24-15. PORTK Field Descriptions
Field
Description
7–0
PK[7,5:0]
Port K — Port K pins 7–0 can be used as general-purpose I/O. If the data direction bits of the associated I/O pins
are set to logic level “1”, a read returns the value of the port register, otherwise the buffered pin input state is read
except for bit 6 which reads “0”.
76543210
R
DDRK7
0
DDRK5
DDRK4
DDRK3
DDRK2
DDRK1
DDRK0
W
Reset
00000000
Figure 24-14. Port K Data Direction Register (DDRK)
Table 24-16. DDRK Field Descriptions
Field
Description
7–0
DDRK[7,5:0]
Data Direction Port K
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PORTK after changing the DDRK register.
76543210
R
PTT7
PTT6
PTT5
PTT4
PTT3
PTT2
PTT1
PTT0
W
ECT
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
Reset
00000000
Figure 24-15. Port T Data Register (PTT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com