Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 997 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 997 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 993Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 994Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 995Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 996Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 997Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 998Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 999Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1000Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1001Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1350 page
background image
24.0.5.8
S12X_EBI Ports Reduced Drive Register (RDRIV)
Read: Anytime.
Write: Anytime.
This register is used to select reduced drive for the pins associated with ports A, B, E, and K. If
enabled, the pins drive at about 1/6 of the full drive strength. The reduced drive function is
independent of which function is being used on a particular pin.
The reduced drive functionality does not take effect on the pins in emulation modes.
76543210
R
RDPK
00
RDPE
RDPD1
1. Register implemented, function disabled: Written values can be read back.
RDPC1
RDPB
RDPA
W
Reset
00000000
= Unimplemented or Reserved
Figure 24-10. S12X_EBI Ports Reduced Drive Register (RDRIV)
Table 24-11. RDRIV Field Descriptions
Field
Description
7
RDPK
Reduced Drive of Port K
0 All port K output pins have full drive enabled.
1 All port K output pins have reduced drive enabled.
4
RDPE
Reduced Drive of Port E
0 All port E output pins have full drive enabled.
1 All port E output pins have reduced drive enabled.
1
RDPB
Reduced Drive of Port B
0 All port B output pins have full drive enabled.
1 All port B output pins have reduced drive enabled.
0
RDPA
Reduced Drive of Ports A
0 All Port A output pins have full drive enabled.
1 All port A output pins have reduced drive enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com